Part Number Hot Search : 
14KESD10 T89C5 2W47RJ 73050 RF100 1035C 16800 MTB60
Product Description
Full Text Search
 

To Download TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION * LOW PROFILE, 5.5mm MAXIMUM HEIGHT * SPACE AND COST SAVINGS * DESIGNED FOR REFLOW SOLDERING CHARACTERISTICS
Rated Voltage Rating Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 Minutes at 20C Surge Voltage & Max. Tan Low Temperature Stability (Impedance Ratio @ 120Hz) Load Life Test at Rated W.V. 85C 2,000 Hours 6.3 ~ 50Vdc** 4.7 ~ 220F -40 ~ +85C 20%(M), 10%(K)* 0.01CV or 3A, whichever is greater W.V. (Vdc) S.V. (Vdc) Tan @ 120Hz/20C W.V. (Vdc) Z-40C/Z +20C Z-55C/Z +20C Capacitance Change Tan Leakage Current
NACS Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
6.3 10 16 25 35 50 8.0 13 20 32 44 63 0.28 0.24 0.20 0.16 0.14 0.12 6.3 10 16 25 35 50 4 3 2 2 2 2 10 8 6 4 4 4 Within 25% of initial measured value Less than 200% of specified value Less than specified value
*Optional 10% (K) Tolerance available on most values. Contact factory for availability. ** For higher voltages, 200V and 400V, see NACV series.
MAXIMUM PERMISSIBLE RIPPLECURRENT (mA rms AT 120Hz AND 85OC)
Cap. (F) 4.7 10 22 33 47 56 100 150 220 6.3 31 36 46 47 71 74 Working Voltage (Vdc) 10 16 25 35 20 20 28 28 35 36 32 40 42 65 43 44 65 46 48 68 50 76 50 18 27 40 -
MAXIMUM ESR ( AT 120Hz AND 20OC)
Cap. (F) 4.7 10 22 33 47 56 100 150 220 6.3 14.1 9.88 8.29 4.64 3.10 2.11 Working Voltage (Vdc) 10 16 25 35 - 26.5 23.2 18.1 15.1 12.1 10.6 12.6 10.1 8.04 7.04 8.47 7.06 5.65 7.11 5.92 4.74 3.98 2.66 50 42.3 19.9 9.05 -
D
0.3mm max.
L
+
W
I
I
-
A
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency Hz 50 < f<100 100 < f<1K 1K < f<10K f > 10K Correcton 0.8 1.0 1.3 1.5 Factor
PART NUMBER SYSTEM
P B
NACS 100 M 35V 4x5.5 TR 13 F
STANDARD PRODUCT AND CASE SIZE D xL (mm)
Cap. (F) Code 4.7 10 22 33 47 56 100 150 220 4R7 100 220 330 470 560 101 151 221 Working Voltage (Vdc) 6.3 10 16 25 35 50 4x5.5 4x5.5 4x5.5 5x5.5 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 5x5.5 5x5.5 5x5.5 6.3x5.5 5x5.5 5x5.5 6.3x5.5 6.3x5.5 6.3x5.5 -
Series
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
DIMENSIONS (mm)
Case Size D0.5 L max. A/B0.2 I 0.2 W 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 P0.2 1.0 1.4 2.2
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
4
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X